Part Number Hot Search : 
X6989D SAB10 HMCS47CL FPF2124 1N4741 CY7C196 1N6373 100200
Product Description
Full Text Search
 

To Download ASI10671 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UHBS30-2
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI UHBS30-2 is Designed for
PACKAGE STYLE .230 6L FLG
A .040x45 4X .025 R .115 .430 D E .125 G H F C B 2XO.130
FEATURES:
* * * OmnigoldTM Metalization System
MAXIMUM RATINGS
IC VCBO VCEO VCES VEBO PDISS TJ TSTG JC
O
I JK L
9.0 A 50 V 30 V 50 V 4.0 V 100 W @ TC = 25 C -65 C to +200 C -65 C to +150 C 1.5 OC/W
O O O O
DIM A B C D E F G H I J K L MINIMUM
inches / mm
MAXIMUM
inches / mm
.355 / 9.02 .115 / 2.92 .075 / 1.91 .225 / 5.72 .090 / 2.29 .720 / 18.29 .970 / 24.64 .355 / 9.02 .004 / 0.10 .120 / 3.05 .160 / 4.06 .230 / 5.84
.365 / 9.27 .125 / 3.18 .085 / 2.16 .235 / 5.97 .110 / 2.79 .730 / 18.54 .980 / 24.89 .365 / 9.27 .006 / 0.15 .130 / 3.30 .180 / 4.57 .260 / 6.60
ORDER CODE: ASI10671
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO hFE Cob PG C IC = 50 mA IC = 50 mA IE = 10 mA VCB = 15 V
TC = 25 C
O
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
30 50 4.0 5
UNITS
V V V mA --pF dB %
VCE = 5.0 V VCB = 24 V VCE = 24 V
IC = 1.0 A f = 1.0 MHz POUT = 30 W f = 960 GHz
10
120 50
7.0 50
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10671

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X